PART |
Description |
Maker |
320920062 320920030 |
Induktiver Sensoren Induktive Sensoren
|
Contrinex AG Industrial...
|
V62C2802048LL-70T V62C2802048L-70T V62C2802048LL-8 |
Ultra Low Power 256K x 8 CMOS SRAM 超低功56K × 8 CMOS SRAM Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:2mm; Sensor Output:PNP, NO; Switch Terminals:Wire Leads; Sensor Housing:Cylindrical RoHS Compliant: Yes
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] MOSEL[Mosel Vitelic Corp]
|
R1288A |
Linear Sensor Photodiode Array: 64x1 Sensor-Elements Organization; 200 Dots-Per-Inch (DPI) Sensor Pitch; High Linearity and Uniformity; Wide Dynamic PHOTOCULTIPLIER TUBE
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
LSM330DLTR |
Linear sensor module 3D accelerometer sensor and 3D gyroscope sensor
|
STMicroelectronics
|
224CNQ045 224CNQ 224CNQ035 224CNQ040 |
SCHOTTKY RECTIFIER 35V 220A Schottky Common Cathode Diode in a TO-244AB Non-Isolated package Proximity Sensor; Sensor Input Type:Magnetic; Sensor Output Type:NPN; Leaded Process Compatible:No; Output Type:3 Wire; Peak Reflow Compatible (260 C):No; Sensor Housing:Barrel
|
IRF[International Rectifier]
|
MAX1154BEUET MAX6662MSA-T MAX6662MSAT MAX6517UKP07 |
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
C9728DK-10 |
Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
|
Hamamatsu Corporation
|
MK16-C-2 |
SENSOR MAGNETIC 15-20 A/T SMD PROXIMITY SENSOR-PHOTOELECTRIC, RECTANGULAR, SURFACE MOUNT
|
MEDER electronic
|
BC141-6 BC140-6 Q60202-C230-S2 Q60202-C719 Q60203- |
NPN SILICON TRANSISTORS NPN硅三极管 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular
|
TE Connectivity, Ltd. SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
1GQ8001 |
PROXIMITY SENSOR-HALL EFFECT, 0.1-2mm, 0.40V, CYLINDRICAL SENSOR MOD GEAR TOOTH 1.5
|
HONEYWELL SENSING AND CONTROL
|
OZDK14N1901/S14 |
POSITION, LINEAR SENSOR-DIFFUSE, 20-300mm, 100mA, RECTANGULAR, BOARD MOUNT THROUGH BEAM SENSOR
|
ITT Interconnect Solutions
|
ISL29015IROZ-EVALZ ISL29015IROZ-T7 ISL29015 |
Integrated Digital Ambient Light Sensor and Proximity Sensor
|
Intersil Corporation
|